Part Number Hot Search : 
30FQ045 FM220 KIC7SZ04 CA556 CA556 FIP11F10 GRM21 M3501
Product Description
Full Text Search
 

To Download 2KBP10M3N259 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2kbp005m/3n253 - 2kbp10m/3n259 2kbp005/3n253-2kbp10/3n259, rev. d ? 2001 fairchild semiconductor corporation 2kbp005m/3n253 - 2kbp10m/3n259 bridge rectifiers absolute maximum ratings* t a = 25c unless otherwise noted * these ratings are limiting values above which the serviceability of any semiconductor device may be impaired. electrical characteristics t a = 25c unless otherwise noted features ? surge overload rating: 60 amperes peak. ? reliable low cost construction utilizing molded plastic technique. ? ul certified, ul #e111753. symbol parameter device units v f forward voltage, per bridge @ 3.14 a 1.1 v i r reverse current, total bridge @ rated v r t a = 25 c t a = 125 c 5.0 500 a a i 2 t rating for fusing t < 8.35 ms 15 a 2 s c t total capacitance, per leg v r = 4.0 v, f = 1.0 mhz 25 pf symbol parameter value units p d power dissipation 4.7 w r ja thermal resistance, junction to ambient,* per leg 30 c/w kbpm + ~ ~ - value s y mbol parameter 005m 01m 02m 04m 06m 08m 10m units 253 254 255 256 257 258 259 v rrm maximum repetitive reverse voltage 50 100 200 400 600 800 1000 v v rms maximum rms bridge input voltage 35 70 140 280 420 560 700 v v r dc reverse voltage (rated v r ) 50 100 200 400 600 800 1000 v i f(av) average rectified forward current, @ t a = 50c 2.0 a i fsm non-repetitive peak forward surge current 60 a t stg storage temperature range -55 to +165 c t j operating junction temperature -55 to +165 c thermal characteristics * device mounted on pcb with 0.47 x 0.47" (12 x 12 mm).
2kbp005m/3n253 - 2kbp10m/3n259 2kbp005/3n253-2kbp10/3n259, rev. d ? 2001 fairchild semiconductor corporation bridge rectifiers (continued) typical characteristics 0 0 . 2 0 . 4 0 . 6 0 . 8 1 1 . 2 1 . 4 0.01 0.1 1 5 forward voltage, v f [v] forward current, i f [a] m e d ian typical distribution 0 20406080100120140 0.1 1 10 100 percent of rated peak reverse voltage [%] reverse current, i r [ma] t = 25 c o a 12 51020 50100 0 12 24 36 48 60 number of cycles at 60hz peak forward surge current, i fsm [a] 20 40 60 80 100 120 140 160 0 0.5 1 1.5 2 ambient temperature [oc] average rectified forward current, i f [a] figure 1. forward current derating curve figure 2. forward voltage characteristics figure 3 . reverse current vs reverse voltage figure 4 . non-repetitive surge current
disclaimer fairchild semiconductor reserves the right to make changes without further notice t o any products herein t o improve reliability , function or design. fairchild does not assume any liability arising out of the applica tion or use of any product or circuit described herein; neither does it convey any license under its p a tent rights, nor the rights of others. trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production optologic? optoplanar? pacman? pop? power247? powertrench qfet? qs? qt optoelectronics? quiet series? silent switcher fast fastr? frfet? globaloptoisolator? gto? hisec? isoplanar? littlefet? microfet? micropak? microwire? rev. h4 a acex? bottomless? coolfet? crossvolt ? densetrench? dome? ecospark? e 2 cmos tm ensigna tm fact? fact quiet series? smart start? star*power? stealth? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? trutranslation? uhc? ultrafet a a a star*power is used under license vcx?


▲Up To Search▲   

 
Price & Availability of 2KBP10M3N259

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X